| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C503C-WAS-CBbDa231 bảng dữ liệu(PDF) 9 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C503C-WAS-CBbDa231 bảng dữ liệu(HTML) 9 Page - Cree, Inc |
|
9 / 9 page ![]() 9 CLD-CT1098.001 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Package Features: • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. • The boxes are not water resistant, and they must be kept away from water and moisture. • The Bulk or Ammo Pack types of packaging. • Max 500 pcs per bulk and Max 2500 pcs per ammo. Bulk Pack Packaging Type: 20 bags/carton Label COLOR LED LAMP JOWAXXXXX -XX-XXX AXXXXXXXXXXX (anti-electrostatic bag) Hue TYPE QTY RANK LOT Iv xxx xxx Vf ( ) XX ( ) LXXXXXXXX-XXX PCS X ( ) XX R Ammo Pack Packaging Type: TYPE LXXXXXXXX-XXX PCS X QTY RANK LOT Iv JOWAXXXXX -XX-XXX XX AXXXXXXXXXXX XX Vf Hue ( ) ( ) ( ) xxx xxx COLOR LED LAMP ANODE |