| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C503C-WAS-CBaDa151 bảng dữ liệu(PDF) 5 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C503C-WAS-CBaDa151 bảng dữ liệu(HTML) 5 Page - Cree, Inc |
|
5 / 9 page ![]() 5 CLD-CT1098.001 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Order Code Table* Color Kit Number Viewing Angle Luminous Intensity (mcd) Color Bin Code Package Standoff Min. Max. Cool White C503C-WAS-CBaDa151 15 16800 39500 W1,W2,W3,W4,W5 Bulk Yes Cool White C503C-WAS-CBbDa231 15 20150 39500 W2,W3 Bulk Yes Cool White C503C-WAS-CCaDa231 15 23500 39500 W2,W3 Bulk Yes Cool White C503C-WAN-CBaDa151 15 16800 39500 W1,W2,W3,W4,W5 Bulk No Cool White C503C-WAN-CBbDa231 15 20150 39500 W2,W3 Bulk No Cool White C503C-WAN-CCaDa231 15 23500 39500 W2,W3 Bulk No Cool White C503C-WAS-CBaDa152 15 16800 39500 W1,W2,W3,W4,W5 Ammo Yes Cool White C503C-WAS-CBbDa232 15 20150 39500 W2,W3 Ammo Yes Cool White C503C-WAS-CCaDa232 15 23500 39500 W2,W3 Ammo Yes Cool White C503C-WAN-CBaDa152 15 16800 39500 W1,W2,W3,W4,W5 Ammo No Cool White C503C-WAN-CBbDa232 15 20150 39500 W2,W3 Ammo No Cool White C503C-WAN-CCaDa232 15 23500 39500 W2,W3 Ammo No Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped in each bulk or ammo pack. And single intensity-bin code and single color-bin codes will not be orderable. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |