| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NCP1237 bảng dữ liệu(PDF) 23 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCP1237 bảng dữ liệu(HTML) 23 Page - ON Semiconductor |
|
23 / 34 page ![]() NCP1237 http://onsemi.com 23 Dual−Level Overcurrent Protection For some applications (e.g. printer adapters), it is necessary that the controller maintains regulation while it has detected a first level of overload. This is to authorize a transient peak power higher than the maximum continuous output power. This is implemented by adding another comparator whose threshold is VCS(tran), a CS voltage level lower than VILIM, which starts the charging of another timer, with a duration ttran longer than tfault (168 ms typical). If the timer reaches its maximum duration, the controller enters protection mode (latched or autorecovery depending on the option). Figure 20. Dual−Level Timer−Based Overcurrent Protection CS FB − + tLEB blanking − + + VCS(tran) Protection Mode Brown−out release tautorec timer Reset Autorecovery protection mode only R S Q PWM Reset DRV tfault timer ttran Fault Flag KFB |