công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX4995AF bảng dữ liệu(PDF) 13 Page - Maxim Integrated Products

tên linh kiện MAX4995AF
Giải thích chi tiết về linh kiện  50mA to 600mA Programmable Current-Limit Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4995AF bảng dữ liệu(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4995AF Datasheet HTML 5Page - Maxim Integrated Products MAX4995AF Datasheet HTML 6Page - Maxim Integrated Products MAX4995AF Datasheet HTML 7Page - Maxim Integrated Products MAX4995AF Datasheet HTML 8Page - Maxim Integrated Products MAX4995AF Datasheet HTML 9Page - Maxim Integrated Products MAX4995AF Datasheet HTML 10Page - Maxim Integrated Products MAX4995AF Datasheet HTML 11Page - Maxim Integrated Products MAX4995AF Datasheet HTML 12Page - Maxim Integrated Products MAX4995AF Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
50mA to 600mA Programmable
Current-Limit Switches
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13
© 2010 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
11/08
Initial release.
—
1
6/09
Corrected the Ordering Information/Selector Guide.
1, 11
2
2/10
• Added TDFN package information to the Ordering Information/Selector Guide,
Absolute Maximum Ratings, Pin Description, and Package Information sections.
• Added the TDFN pin configuration drawing to the Pin Configurations section.
1, 2, 7, 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com