công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSMA5818 bảng dữ liệu(PDF) 3 Page - Cystech Electonics Corp.

tên linh kiện CSMA5818
Giải thích chi tiết về linh kiện  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSMA5818 bảng dữ liệu(HTML) 3 Page - Cystech Electonics Corp.

  CSMA5818 Datasheet HTML 1Page - Cystech Electonics Corp. CSMA5818 Datasheet HTML 2Page - Cystech Electonics Corp. CSMA5818 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C331SA
Issued Date : 2003.04.10
Revised Date :
Page No. : 3/3
CSMA581XSA
CYStek Product Specification
SMA/DO-214AC Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.177
0.185
4.4
4.8
E
0.060
0.067
1.5
1.7
B
0.094
0.110
2.4
2.8
F
0.04(typ)
1.0(typ)
C
0.012(typ)
0.3(typ)
G
0.04(typ)
1.0(typ)
D
0.150
0.165
3.8
4.2
-
-
-
-
-
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
B
A
C
D
E
F
G
SMA Plastic Surface
Mounted Package
CYStek Package Code:SA
Marking Code:
Device CSMA5817 CSMA5818 CSMA5819
Code
SK12
SK13
SK14



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com