| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLSM1052 bảng dữ liệu(PDF) 10 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLSM1052 bảng dữ liệu(HTML) 10 Page - Toshiba Semiconductor |
|
10 / 14 page ![]() TL(RM,RMM,SM,OM,YM)1052(T20) 2009-07-23 10 Recommended soldering pattern Cleaning When cleaning is required after soldering, Toshiba recommends the following cleaning solvents. Our dipping tests (carried out under the recommended conditions) confirm that these solvents have no effect on semiconductor devices. In selecting the cleaning solvent you will actually use, be sure to take into account the cleaning conditions and usage conditions. Cleaning Solvent Manufacturer ASAHI CLEAN AK-225AES ASAHI GLASS KAO CLEAN THROUGH 750H KAO PINE ALPHA ST-100S ARAKAWA CHEMICAL Precautions When Mounting Do not apply force to plastic parts of the LED under high-temperature conditions. The LED plastic is easily scratched. Avoid friction between plastic parts and hard objects or materials. When installing the PCB in a product, ensure that the device does not come into contact with other components. This product doesn't apply mounting that solder flow. Please mount on recommended reflow solder mounting condition. Tape Specifications 1. Product number format The type of package used for shipment is denoted by a symbol suffix after the product number. The method of classification is as below. (This method, however, does not apply to products whose electrical characteristics differ from standard Toshiba specifications.) (1) Tape Type: T20 (8-mm pitch) (2) Example Tape type 2. Handling precautions Tape material protected against static electricity. However, static electricity may occur depending on quantity of charged static electricity and a device may attach to a tape, or a device may be unstable when peeling a tape cover. (a) In process, taping materials may sustain an electrostatic charge, use an ionizer to neutralize the ions. (b) For transport and temporary storage of devices, use containers(boxes, jigs, and bags) that are made of anti-static materials or of materials that dissipate electrostatic electricity. 2.45 1.3 2.7 Unit: mm 2.45 TLSM1052 (T20) Toshiba product No. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |