| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS2GCF133 bảng dữ liệu(PDF) 39 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS2GCF133 bảng dữ liệu(HTML) 39 Page - Transcend Information. Inc. |
|
39 / 81 page ![]() T T TS S S1 1 1G G G~ ~ ~3 3 32 2 2G G GC C CF F F1 1 13 3 33 3 3 133X CompactFlash Card Transcend Information Inc. 39 I/O Transfer Function The I/O transfer to or from the CompactFlash Storage can be either 8 or 16 bits. When a 16 bit accessible port is addressed, the signal -IOIS16 is asserted by the CompactFlash Storage. Otherwise, the -IOIS16 signal is de-asserted. When a 16 bit transfer is attempted, and the -IOIS16 signal is not asserted by the CompactFlash Storage, the system shall generate a pair of 8 bit references to access the word‘s even byte and odd byte. The CompactFlash Storage Card permits both 8 and 16 bit accesses to all of its I/O addresses, so -IOIS16 is asserted for all addresses to which the CompactFlash Storage responds. The CompactFlash Storage Card may request the host to extend the length of an input cycle until data is ready by asserting the -WAIT signal at the start of the cycle. Table : PCMCIA Mode I/O Function |