| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS2GDOM44H bảng dữ liệu(PDF) 8 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS2GDOM44H bảng dữ liệu(HTML) 8 Page - Transcend Information. Inc. |
|
8 / 9 page ![]() T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 44 4 4---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e (((H H Ho o or rriiiz zzo o on n nttta a alll))) 1 1 12 2 28 8 8M M M ~ ~ ~ 4 4 4G G GB B B Transcend Information Inc. Ver 1.2 8 Command Set The following table summarizes the command defined in the ATAPI-5 specification and lists the commands supported by the TS128M-4GDOM44H. Note 1: FR (Feature Register), SC (Sector Count Register), SN (Sector Number Register), CY (Cylinder Low/High Register), DR (Drive bit of Drive/Head Register), HD (Head No. bit0-bit3 of Drive/Head Register), LBA (Logical Block Address Mode supported). Y: Set up; -: Not set up; C: The register contains command specific data. |