công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS1GDOM44H-S bảng dữ liệu(PDF) 30 Page - Transcend Information. Inc.

tên linh kiện TS1GDOM44H-S
Giải thích chi tiết về linh kiện  44-Pin IDE Flash Module(Horizontal)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRANSCEND [Transcend Information. Inc.]
Trang chủ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GDOM44H-S bảng dữ liệu(HTML) 30 Page - Transcend Information. Inc.

Back Button TS1GDOM44H-S Datasheet HTML 26Page - Transcend Information. Inc. TS1GDOM44H-S Datasheet HTML 27Page - Transcend Information. Inc. TS1GDOM44H-S Datasheet HTML 28Page - Transcend Information. Inc. TS1GDOM44H-S Datasheet HTML 29Page - Transcend Information. Inc. TS1GDOM44H-S Datasheet HTML 30Page - Transcend Information. Inc. TS1GDOM44H-S Datasheet HTML 31Page - Transcend Information. Inc. TS1GDOM44H-S Datasheet HTML 32Page - Transcend Information. Inc. TS1GDOM44H-S Datasheet HTML 33Page - Transcend Information. Inc. TS1GDOM44H-S Datasheet HTML 34Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
44
4
4---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
or
rriiiz
zzo
o
on
n
nttta
a
alll)))
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 4
4
4G
G
GD
D
DO
O
OM
M
M4
4
44
4
4H
H
H---S
S
S
Transcend Information Inc.
Ver 1.0
30
IDENTIFY DEVICE information
The Identify Device command enables the host to receive parameter information from the device.
This command has the same protocol as the Read Sector(s) command. The parameter words in the
buffer have the arrangement and meanings defined in Table as below. All reserved bits or words are zero.
Hosts should not depend on Obsolete words in Identify Device containing 0. Table below specifies each
field in the data returned by the Identify Device Command. In Table as below, X indicates a numeric
nibble value specific to the card and aaaa indicates an ASCII string specific to the particular drive.
Word
Address
Default
Value
Total
Bytes
Data Field Type Information
0
044Ah
2
General configuration – Bit Significant with ATA-4 definitions.
1
XXXXh
2
Default number of cylinders
2
0000h
2
Reserved
3
00XXh
2
Default number of heads
4
0000h
2
Obsolete
5
0000h
2
Obsolete
6
XXXXh
2
Default number of sectors per track
7-8
XXXXh
4
Number of sectors per card (Word 7 = MSW, Word 8 = LSW)
9
XXXXh
2
Obsolete
10-19
aaaa
20
Serial number in ASCII (Right Justified)
20
0000h
2
Obsolete
21
0000h
2
Obsolete
22
0004h
2
Number of ECC bytes passed on Read/Write Long Commands
23-26
aaaa
8
Firmware revision in ASCII. Big Endian Byte Order in Word
27-46
aaaa
40
Model number in ASCII (Left Justified) Big Endian Byte Order in
Word
47
XXXXh
2
Maximum number of sectors on Read/Write Multiple command
48
0000h
2
Reserved
49
XX00h
2
Capabilities
50
0000h
2
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com