| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSXGSDHC6V bảng dữ liệu(PDF) 21 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TSXGSDHC6V bảng dữ liệu(HTML) 21 Page - Transcend Information. Inc. |
|
21 / 24 page ![]() HD Video Card Series 4GB~16GB SDHC6 HD Video Card Transcend Information Inc. 21 Defines the data status after erase, whether it is ‘0’ or ‘1’ (the status is card vendor dependent). • SD_SECURITY Describes the security algorithm supported by the card. SD Supported Security Algorithm Note that it is mandatory for a regular writable SD Memory Card to support Security Protocol. For ROM (Read Only) and OTP (One Time Programmable) types of the SD Memory Card, the security feature is optional. In the case of Standard Capacity SD Memory Card, this field shall be set to 2 (Version 1.01). In the case of High Capacity SD Memory Card, this field shall be set to 3 (Version 2.00). • SD_BUS_WIDTHS Describes all the DAT bus widths that are supported by this card. Since SD Memory Card shall support at least the two bus modes 1bit or 4bit width then any SD Card shall set at least bits 0 and 2 (SD_BUS_WIDTH="0101"). |