| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS2GMP630 bảng dữ liệu(PDF) 2 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS2GMP630 bảng dữ liệu(HTML) 2 Page - Transcend Information. Inc. |
|
2 / 4 page ![]() USB Flash Drive capabilities for data transfer and storage, plus additional software 7 Equalizer effects, including a customizable USER EQ setting Powered using a rechargeable Li-ion battery (fully charged battery supports over 15 hours of continuous operation) Hi-Speed Mini USB 2.0 port for easy computer connectivity and fast file transfers Sleep Mode, preset the player to Auto-Power OFF after 15, 30, or 60 minutes Automatic screen saver runs if the unit is idle for more than a few seconds, this acts as a battery saving measure Real Time Clock (RTC) displays local and world times Block Diagram With 1 pcs of 1G/2G/4Gx8 Flash Memory 1Gx8 2Gx8 4Gx8 |