| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS8GDOM40V-S bảng dữ liệu(PDF) 16 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS8GDOM40V-S bảng dữ liệu(HTML) 16 Page - Transcend Information. Inc. |
|
16 / 34 page ![]() T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 40 0 0---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e T T TS S S1 1 12 2 28 8 8M M M ~ ~ ~ 1 1 16 6 6G G GD D DO O OM M M4 4 40 0 0V V V---S S S Transcend Information Inc. Ver 1.2 16 ALL WAVEFORMS IN THIS DIAGRAM ARE SHOWN WITH THE ASSERTED STATE HIGH. NEGATIVE TRUE SIGNALS APPEAR INVERTED ON THE BUS RELATIVE TO THE DIAGRAM. Notes: The definitions for the IORDY:-DDMARDY:DSTROBE, -IORD: -HDMARDY:HSTROBE, and -IOWR:STOP signal lines are not in effect until DMARQ and -DMACK are asserted. A[02:00], -CS0 & -CS1 are True IDE mode signal definitions. |