công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM9102D bảng dữ liệu(PDF) 39 Page - Davicom Semiconductor, Inc.

tên linh kiện DM9102D
Giải thích chi tiết về linh kiện  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DAVICOM [Davicom Semiconductor, Inc.]
Trang chủ  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102D bảng dữ liệu(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9102D Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9102D Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Final
39
Version: DM9102D-DS-F01
May 10, 2006
b3 b2 b1 b0
00
0
0
In IDLE state
00
0
0
Ability match
00
1
0
Acknowledge match
00
1
1
Acknowledge match fail
0
1
0
0
Consistency match
0
1
0
1
Consistency match fail
01
1
0
Parallel detects signal_link_ready
01
1
1
Parallel detects signal_link_ready
fail
10
0
0
Auto-negotiation completed
successfully
6.3.10 10BASE-T Configuration/Status (10BTCSRCSR) – 12H
Bit
Name
Default
Description
15
Reserved
0, RO
Reserved:
Write as 0, ignore on read
14
LP_EN
1, RW
Link Pulse Enable:
1=Transmission of link pulses enabled
0=Link pulses disabled, good link condition forced
This bit is valid only in 10Mbps operation.
13
HBE
1,RW
Heartbeat Enable:
1=Heartbeat function enabled
0=Heartbeat function disabled
When the DM9102D is configured for Full Duplex operation, this bit will be
ignored (the collision/heartbeat function is invalid in Full Duplex mode). It must
set to be 1.
12
SQUELCH
1, RW
Squelch Enable
1 = normal squelch
0 = low squelch
11
JABEN
1, RW
Jabber Enable:
Enables or disables the Jabber function when the DM9102D is in 10BASE-T
Full Duplex or 10BASE-T Transceiver Loopback mode
1= Jabber function enabled
0= Jabber function disabled
10
Reserved
0,RW
Reserved
9:2
Reserved
0, RO
Reserved
1
Reserved
0,RW
Reserved
0
POLR
0, RO
Polarity Reversed
When this bit is set to 1, it indicates that the 10Mbps cable polarity is
reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com