công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F615-H/MS bảng dữ liệu(PDF) 51 Page - Microchip Technology

tên linh kiện PIC12F615-H/MS
Giải thích chi tiết về linh kiện  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-H/MS bảng dữ liệu(HTML) 51 Page - Microchip Technology

Back Button PIC12F615-H/MS Datasheet HTML 47Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 48Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 49Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 50Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 51Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 52Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 53Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 54Page - Microchip Technology PIC12F615-H/MS Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 51
PIC12F609/615/617/12HV609/615
5.2.4.6
GP5/T1CKI/P1A(1, 2)/OSC1/CLKIN
Figure 5-5 shows the diagram for this pin. The GP5 pin
is configurable to function as one of the following:
• a general purpose I/O
• a Timer1 clock input
• PWM output, alternate pin
(1, 2)
• a crystal/resonator connection
• a clock input
FIGURE 5-5:
BLOCK DIAGRAM OF GP5
Note 1: Alternate pin function.
2: PIC12F615/617/HV615 only.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPU
RD
WPU
RD
GPIO
WR
GPIO
WR
TRISIO
RD
TRISIO
WR
IOC
RD
IOC
To Timer1
INTOSC
Mode
RD GPIO
INTOSC
Mode
GPPU
OSC2
Note 1:
Timer1 LP Oscillator enabled.
2:
Set has priority over Reset.
TMR1LPEN(1)
Oscillator
Circuit
Q1
I/O Pin
Interrupt-on-
Change
S(2)
R
Q
From other
GP<4:0> pins
Write ‘0’ to GBIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More