công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS8530-ASOT bảng dữ liệu(PDF) 26 Page - ams AG

tên linh kiện AS8530-ASOT
Giải thích chi tiết về linh kiện  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOT bảng dữ liệu(HTML) 26 Page - ams AG

Back Button AS8530-ASOT Datasheet HTML 21Page - ams AG AS8530-ASOT Datasheet HTML 22Page - ams AG AS8530-ASOT Datasheet HTML 23Page - ams AG AS8530-ASOT Datasheet HTML 24Page - ams AG AS8530-ASOT Datasheet HTML 25Page - ams AG AS8530-ASOT Datasheet HTML 26Page - ams AG AS8530-ASOT Datasheet HTML 27Page - ams AG AS8530-ASOT Datasheet HTML 28Page - ams AG AS8530-ASOT Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
26 - 29
AS8530
Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.9 ESD/EMC REMARKS
8.9.1 General Remarks
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures
whenever handling semiconductor products.
8.9.2 ESD-Test
The AS8530 is tested according CDF-AEC-Q100-002 / MIL883-3015.7 (human body model), IEC 61000-4-2, JESD22-C101/ AEC-Q100-011,
JESD22-A115/AEC-Q100-003.
8.9.3 EMC
The test on EMC impacts is done according to ISO 7637-1 for power supply pins and ISO 7637-3 for data and signal pins.
0 x 16
Backup
Register 7
On
POR_VSUP
0000_0000
b[7:0]
R/W
This can be used to store configuration/status data during Sleep mode.
0 x 17
Backup
Register 8
On
POR_VSUP
0000_0000
b[7:0]
R/W
This can be used to store configuration/status data during Sleep mode.
Table 17. Configuration Registers
Addr
Register
Name
POR Value
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29