| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS8520 bảng dữ liệu(PDF) 31 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8520 bảng dữ liệu(HTML) 31 Page - ams AG |
|
31 / 34 page ![]() www.austriamicrosystems.com/Lin_CompanionIC/AS8520 Revision 0.01 31 - 34 AS8520 Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n 8.9 ESD/EMC REMARKS 8.9.1 General Remarks Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures whenever handling semiconductor products. 8.9.2 ESD-Test The AS8520 is tested according CDF-AEC-Q100-002 / MIL883-3015.7 (human body model), IEC 61000-4-2, JESD22-C101/ AEC-Q100-011, JESD22-A115/AEC-Q100-003. 8.9.3 EMC The test on EMC impacts is done according to ISO 7637-1 for power supply pins and ISO 7637-3 for data and signal pins. 0 x 16 Backup Register 7 On POR_VSUP 0000_0000 b[7:0] R/W This can be used to store configuration/status data during Sleep mode. 0 x 17 Backup Register 8 On POR_VSUP 0000_0000 b[7:0] R/W This can be used to store configuration/status data during Sleep mode. Table 19. Configuration Registers Addr Register Name POR Value Bit Type Description |