| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5030ATSU bảng dữ liệu(PDF) 23 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5030ATSU bảng dữ liệu(HTML) 23 Page - ams AG |
|
23 / 33 page ![]() AS5030 8-bit Programmable Magnetic Rotary Encoder Rev. 1.8 www.austriamicrosystems.com Page 23 of 33 4~400ms. At sampling intervals >400ms, the power cycling mode is the best method to minimize the average current consumption. The curves are based on the figures given in 8.1. AS5030 average current consumption 0,0 0,5 1,0 1,5 2,0 2,5 3,0 3,5 4,0 4,5 5,0 1 10 100 1000 sampling interval [ms] Low Power Mode Power Cycling Mode Ultra Low Power Mode Figure 27: Average current consumption of reduced power modes 9 Accuracy of the Encoder system This chapter describes which individual factors influence the accuracy of the encoder system and how to improve them. Accuracy is defined as the difference between measured angle and actual angle. This is not to be confused with resolution, which is the smallest step that the system can resolve. The two parameters are not necessarily linked together. A high resolution encoder may not necessarily be highly accurate as well. 9.1 Quantization error There is however a direct link between resolution and accuracy, which is the quantization error: Figure 28: Quantization error of a low resolution and a high resolution system |