công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3932 bảng dữ liệu(PDF) 32 Page - ams AG

tên linh kiện AS3932
Giải thích chi tiết về linh kiện  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3932 bảng dữ liệu(HTML) 32 Page - ams AG

Back Button AS3932 Datasheet HTML 25Page - ams AG AS3932 Datasheet HTML 26Page - ams AG AS3932 Datasheet HTML 27Page - ams AG AS3932 Datasheet HTML 28Page - ams AG AS3932 Datasheet HTML 29Page - ams AG AS3932 Datasheet HTML 30Page - ams AG AS3932 Datasheet HTML 31Page - ams AG AS3932 Datasheet HTML 32Page - ams AG AS3932 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
32 - 33
AS3932
Data Sheet - Revision History
Revision History
Table 27. Revision History
Revision
Date
Owner
Description
1.0
Feb 12, 2009
esn
1.0a
Feb 24, 2009
esn
Table 28 (Ordering information), -Z removed from part numbers
1.1
Apr 2, 2009
esn
New figure inserted Figure 2 on page 2, all subsequent chapters and page numbers are
therefore incremented by one
Default Values of RegistersTable 7, default value of R4<3:0> corrected
Bit Setting of Gain ReductionTable 14, stepsize of gain reduction increased to -4dBm
1.11
Apr 22, 2009
esn
Description of external components on page 12 updated
1.12
May 25, 2009
esn
Update of Section 10 Ordering Information on page 33
1.13
July 13, 2009
esn
Updated Wakeup Protocol - Carrier Frequency 125 kHz 8.7 and description of Section
8.9.2 RC-Oscillator on page 27
1.2
Oct 13, 2009
mrh
Updated Key Features for External Clock
Added Figure 3 AS3932 Typical Application Diagram with Clock from External Source
Added External Clock Source in Electrical System SpecificationsTable 5
Deleted table Minimum duration of carrier burst in ON/OFF mode (Manchester decoder
enabled)
Updated Real Time Clock (RTC) 8.9 with External Clock
Added External Clock Source 8.9.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33