| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS1970 bảng dữ liệu(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1970 bảng dữ liệu(HTML) 14 Page - ams AG |
|
14 / 18 page ![]() www.austriamicrosystems.com Revision 1.02 14 - 18 AS1970 Data Sheet - Pa ckage Drawings and Mark ings 10 Package Drawings and Markings The AS1970 - AS1975 are available in a 5-pin SOT23 package and an 8-pin MSOP package. Figure 23. 5-pin SOT23 Package Notes: 1. Controlling dimension is millimeters. 2. Foot length measured at intercept point between datum A and lead surface. 3. Package outline exclusive of mold flash and metal burr. 4. Package outline inclusive of solder plating. 5. Meets JEDEC MO178. Symbol Min Max A0.90 1.45 A1 0.00 0.15 A2 0.90 1.30 b0.30 0.50 C0.09 0.20 D2.80 3.05 E2.60 3.00 E1 1.50 1.75 L0.30 0.55 e0.95 REF e1 1.90 REF α 0º 8º |