công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS1910R-T bảng dữ liệu(PDF) 13 Page - ams AG

tên linh kiện AS1910R-T
Giải thích chi tiết về linh kiện  Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS1910R-T bảng dữ liệu(HTML) 13 Page - ams AG

Back Button AS1910R-T Datasheet HTML 7Page - ams AG AS1910R-T Datasheet HTML 8Page - ams AG AS1910R-T Datasheet HTML 9Page - ams AG AS1910R-T Datasheet HTML 10Page - ams AG AS1910R-T Datasheet HTML 11Page - ams AG AS1910R-T Datasheet HTML 12Page - ams AG AS1910R-T Datasheet HTML 13Page - ams AG AS1910R-T Datasheet HTML 14Page - ams AG AS1910R-T Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
13 - 15
AS1910 - AS1915
Data Sheet - P a c k age Drawin gs an d Ma rkings
10 Package Drawings and Markings
The devices are available in a 6-pin SOT23 package.
Figure 16. 6-pin SOT23 Package
Notes:
1. All dimensions are in millimeters.
2. Foot length measured at intercept point between datum A and lead surface.
3. Package outline inclusive of mold flash 7 metal burr.
4. Package outline inclusive of solder plating.
5. Compliant with EIAJ SC74A.
6. PKG ST 0004 Rev A supersedes SOT23-D-2005 Rev C.
Symbol
Min
Max
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.30
0.50
C
0.09
0.20
D
2.80
3.05
E
2.60
3.00
E1
1.50
1.75
L
0.30
0.55
e
0.95REF
e1
1.90REF
α
0º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15