công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS1543 bảng dữ liệu(PDF) 6 Page - ams AG

tên linh kiện AS1543
Giải thích chi tiết về linh kiện  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS1543 bảng dữ liệu(HTML) 6 Page - ams AG

Back Button AS1543 Datasheet HTML 2Page - ams AG AS1543 Datasheet HTML 3Page - ams AG AS1543 Datasheet HTML 4Page - ams AG AS1543 Datasheet HTML 5Page - ams AG AS1543 Datasheet HTML 6Page - ams AG AS1543 Datasheet HTML 7Page - ams AG AS1543 Datasheet HTML 8Page - ams AG AS1543 Datasheet HTML 9Page - ams AG AS1543 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
6 - 29
AS1543/44
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Conversion Rate
tCONV
Conversion Time
16 SCLK Cycles, SCLK = 20MHz
800
ns
Track-and-Hold Acquisition
Time
300
ns
Throughput Rate
1
Msps
Aperture Delay
4
ns
Aperture Jitter
50
ps
Analog Input
VINx
Input Voltage Ranges
Bit SE/FDN = 1
Bit RANGE = 1
0
VREFIN
V
Bit RANGE = 0
0
2 x
VREFIN
VINx - VINy
Differential Input Voltage
Ranges
Bit SE/FDN = 0
Bit RANGE = 1
-VREFIN/
2
VREFIN/
2
V
Bit RANGE = 0
-VREFIN
VREFIN
VCMIN
Input Common Mode
Voltage
Bit SE/FDN = 0
Bit RANGE = 1
VREFIN/2
VDD -
VREFIN/
2
V
Bit RANGE = 0
VREFIN
VDD -
VREFIN
DC Leakage Current
-1
+1
µA
Input Capacitance
20
pF
Reference Input
REFIN Input Voltage
1
2.5V ±1% for Specified Performance
1
VDD
V
DC Leakage Current
±1
µA
REFIN Input Impedance
fSAMPLE = 1Msps
44
k
Ω
Digital Inputs: CSN, SCLK, DIN
VIH
Input High Voltage
0.7 x
VDRIVE
V
VIL
Input Low Voltage
0.3 x
VDRIVE
V
IIN
Input Current,
VIN = 0V or VDRIVE
-1
+1
µA
CIN
Input Capacitance
5
pF
Digital Output: DOUT
VOH
Output High Voltage
ISOURCE = 200µA; VDD = 2.7 to 5.25V
VDRIVE
- 0.2
V
VOL
Output Low Voltage
ISINK = 200µA
0.4
V
Floating-State
Leakage Current
Bit WEAK/TRIN (page 14) set to 0
-1
+1
µA
Floating-State
Output Capacitance
Bit WEAK/TRIN set to 0
10
pF
Output Coding
Bit CODING (page 14) set to 1
Straight (natural) binary
Bit CODING set to 0
Two’s complement
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29