công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS1341 bảng dữ liệu(PDF) 2 Page - ams AG

tên linh kiện AS1341
Giải thích chi tiết về linh kiện  20V, 600mA, 100% Duty Cycle, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS1341 bảng dữ liệu(HTML) 2 Page - ams AG

  AS1341_1 Datasheet HTML 1Page - ams AG AS1341_1 Datasheet HTML 2Page - ams AG AS1341_1 Datasheet HTML 3Page - ams AG AS1341_1 Datasheet HTML 4Page - ams AG AS1341_1 Datasheet HTML 5Page - ams AG AS1341_1 Datasheet HTML 6Page - ams AG AS1341_1 Datasheet HTML 7Page - ams AG AS1341_1 Datasheet HTML 8Page - ams AG AS1341_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.austriamicrosystems.com
Revision 1.05
2 - 17
AS1341
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1FB
Feedback Input. For the fixed 5V output connect this pin to GND. For adjustable
output, connect to a resistive divider between VOUT and GND to set the output voltage
between 1.25V and VIN.
2GND
Ground
3POK
Power OK. Active-low open-drain reset output.
Note: Connect pin POK to GND when the Power-Ok feature is not used.
4LX
Inductor Connection. Connect this pin to an external inductor.
5IN
4.5V to 20V Input Supply Voltage
6ILIMIT
Peak Current Control Input. Connect this pin to IN or GND to set peak current limit
(see Setting Current Limit on page 11).
7
SHDNN
Shutdown Input. A low on this pin puts the AS1341 into shutdown mode. Supply
current is reduced to 0.8µA and LX goes high-impedance.
8OUT
Regulated Output Voltage High-Impedance Sense Input. For the fixed 5V output
connect this pin to VOUT. For adjustable output connect this pin to GND.
9NC
Exposed Pad. This pad is not connected internally. Connect to GND or do not
connect.
5IN
3
POK
2
GND
1
FB
8OUT
AS1341
4
LX
7 SHDNN
6 ILIMIT
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17