| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS1116 bảng dữ liệu(PDF) 11 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1116 bảng dữ liệu(HTML) 11 Page - ams AG |
|
11 / 20 page ![]() www.austriamicrosystems.com Revision 1.04 11 - 20 AS1116 Datasheet - D e t a i l e d D e s c r i p t i o n Figure 19. Standard 7-Segment LED Table 10. Code-B Font Char- acter Register Data Char- acter Register Data Char- acter Register Data D7 D6:D4 D3 D2 D1 D0 D7 D6: D4 D3 D2 D1 D0 D7 D6:D4 D3 D2 D1 D0 X 0 0 0 0 X 01 10 X 1 1 0 0 X 0 0 0 1 X 01 11 X 1 1 0 1 X 0 0 1 0 X 10 00 X 1 1 1 0 X 0 0 1 1 X 10 01 X 1 1 1 1 X 0 1 0 0 X 10 10 1 * XX X X X X 0 1 0 1 X 10 11 * The decimal point can be enabled with every character by setting bit D7 = 1. Table 11. HEX Font Char- acter Register Data Char- acter Register Data Char- acter Register Data D7 D6:D4 D3 D2 D1 D0 D7 D6: D4 D3 D2 D1 D0 D7 D6:D4 D3 D2 D1 D0 X 0 0 0 0 X 01 10 X 1 1 0 0 X 0 0 0 1 X 01 11 X 1 1 0 1 X 0 0 1 0 X 10 00 X 1 1 1 0 X 0 0 1 1 X 10 01 X 1 1 1 1 X 0 1 0 0 X 10 10 1 * XX X X X X 0 1 0 1 X 10 11 * The decimal point can be enabled with every character by setting bit D7 = 1. Table 12. No-Decode Mode Data Bits and Corresponding Segment Lines D7 D6 D5 D4 D3 D2 D1 D0 Corresponding Segment Line DP A B C D E F G A B G F E D C DP |