| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPVR120100 bảng dữ liệu(PDF) 2 Page - ALPS ELECTRIC CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
SPVR120100 bảng dữ liệu(HTML) 2 Page - ALPS ELECTRIC CO.,LTD. |
|
2 / 3 page ![]() 50 BA 3V DC Rating (min.) (Resistive load) Cold Dry heat Damp heat ー20±2℃ for 96h 85 ±2℃ for 96h 40 ±2℃, 90 to 95%RH for 96h ー20±2℃ for 96h ー40±2℃ for 96h Operating temperature range Rating (max.) (Resistive load) Initial contact resistance Insulation resistance Voltage proof Terminal strength Actuator strength 0.1A 30V DC ー40℃ to +85℃ ー10℃ to +60℃ ー40℃ to +85℃ ー40℃ to +85℃ 1 Ω max. 1 Ω max. 500m Ω max. 3N for 1 minute 3N for 1 minute 10N 10N 2 Ω max. 1mA 5V DC 0.1A 12V DC 1N for 1 minute 5N 100M Ω min. 100V DC 100V AC for 1 minute 0.5N for 1 minute 5N 0.5N for 1 minute 2N 3 Ω max. 70m Ω max. 500m Ω max. 3N for 1 minute 5N 10N 20m Ω max. 100M Ω min. 250V DC 250V AC for 1 minute 3N for 30s 1N Dimensions (mm) Soldering Page Number of poles W Operation force 0.35N max. 0.3N max. 0.4N max. D H Manual soldering Dip soldering Reflow soldering 6.3 3 4.9 28 5 4 36 3.4 2.3 34 0.35N max. 2.8 3.5 1.5 38 40 1 3.6 4.2 1.2 0.3N max. 0.5N max. 3.5 11 5.8 7 44 9 4.5 41 0.7 ±0.3N 12.5 5 11.5 45 1.2 1 260 ±5℃, 5 ±1s 255 ±5℃, 5 ±1s ― ― Please see P.79 ― 300 ±5℃, 5s max. 350 ±5℃, 3s max. ― 350 ±5℃, 3s max. 260 ±5℃, 5 ±1s 245 ±5℃, 5 ±1s 300 ±10℃, 3s +1 0 ー10℃ to +60℃ 100 BA 3V DC 50 BA 3V DC 100 BA 3V DC 50 BA 3V DC Operating life without Load Operating life with Load 50,000cycles 2Ω max. 50,000cycles 1Ω max. 100,000cycles 2Ω max. 50,000cycles 5Ω max. 100,000cycles 1Ω max. 10,000cycles 100mΩ max. 10,000cycles 40mΩ max. (0.1A 30V DC) 50,000cycles 2Ω max. (0.1A 30V DC) 50,000cycles 1Ω max. (0.1A 30V DC) 100,000cycles 2Ω max. (1mA 5V DC) 50,000cycles 5Ω max. (1mA 5V DC) 100,000cycles 1Ω max. (0.1A12VDC) 10,000cycles150mΩ max. (0.1A12VDC) 10,000cycles60mΩ max. Power 25 Detector Push Slide Rotary Encoders Dual-in-line Package Type TACT SwitchTM Custom- Products Detector Switches Series Photo Operation type SPPB General-purpose Type SPPW8 SPVE SPVM SPVR SSCU SPVF SSCT List of Varieties (General-purpose Type) ● Detector Switches Soldering Conditions ……………………………………………………………………………………79 ● Detector Switches Cautions ……………………………………………………………………………………………………80 |