| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLLB5 bảng dữ liệu(PDF) 2 Page - ALPS ELECTRIC CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
SLLB5 bảng dữ liệu(HTML) 2 Page - ALPS ELECTRIC CO.,LTD. |
|
2 / 4 page ![]() Variable Resistor Type Switch Type 491 Multi Control Devices Lever circuit CW CCW Angle Terminal 20 û 20 û (15û) (15û) 1 2 C 0 û Above dimensions indicate locator pin configurations only. Note No. 0.6 2.2 0.25 1.8 Travel 2 6 9.5 ON CCW CW PUSH C 2 1 T PC board mounting face 0.2 0.6 2.2 1.4 0.2 0.65 Travel 2 6 9.5 PC board mounting face ON CCW CW PUSH 2 C 1 T Style PC board mounting hole and land dimensions Unit:mm Dimensions 3.8 2-ø1.1 holes 90゚ 1 Y Y 3 5 7 10.2 8.5 X PUSH CT Circuit Diagram (Push Portion) Code table ( = ON) Code Table 1 2 Mounting knob Mounting knob integrated Lever and Push Operation Type Switch SLLB5 Series Multi Control Devices |