| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2364 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2364 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 59 page ![]() LPC2364_65_66_67_68_6 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 06 — 1 February 2010 5 of 59 NXP Semiconductors LPC2364/65/66/67/68 Single-chip 16-bit/32-bit microcontrollers 5. Block diagram (1) LPC2367/68 only. (2) LPC2364/66/68 only. Fig 1. LPC2364/65/66/67/68 block diagram PWM1 ARM7TDMI-S PLL EINT3 to EINT0 FLASH P3, P4 P0, P1, P2, LEGACY GPI/O 52 PINS TOTAL P0, P1 SCK, SCK0 MOSI, MOSI0 SSEL, SSEL0 SCK1 MOSI1 MISO1 SSEL1 SCL0, SCL1, SCL2 I2SRX_CLK I2STX_CLK I2SRX_WS I2STX_WS 6 × AD0 RTCX1 RTCX2 MCICLK, MCIPWR RXD0, RXD2, RXD3 TXD1 RXD1 RD1, RD2 TD1, TD2 CAN1, CAN2(2) USB_D+, USB_D − XTAL1 TCK TDO EXTIN0 XTAL2 RESET TRST TDI TMS HIGH-SPEED GPI/O 70 PINS TOTAL LPC2364/65/66/67/68 8/32 kB SRAM 128/256/ 512 kB FLASH INTERNAL CONTROLLERS TEST/DEBUG INTERFACE trace signals AHB BRIDGE AHB BRIDGE ETHERNET MAC WITH DMA 16 kB SRAM MASTER PORT AHB TO AHB BRIDGE SLAVE PORT system clock SYSTEM FUNCTIONS INTERNAL RC OSCILLATOR VDDA VDD(3V3) VREF VSSA, VSS VECTORED INTERRUPT CONTROLLER 8 kB SRAM USB WITH 4 kB RAM AND DMA(2) GP DMA CONTROLLER I2S INTERFACE SPI, SSP0 INTERFACE I2SRX_SDA I2STX_SDA MISO, MISO0 SSP1 INTERFACE SD/MMC CARD INTERFACE(1) MCICMD, MCIDAT[3:0] TXD0, TXD2, TXD3 UART0, UART2, UART3 UART1 DTR1, RTS1 DSR1, CTS1, DCD1, RI1 I2C0, I2C1, I2C2 SDA0, SDA1, SDA2 EXTERNAL INTERRUPTS CAPTURE/COMPARE TIMER0/TIMER1/ TIMER2/TIMER3 A/D CONVERTER D/A CONVERTER 2 kB BATTERY RAM RTC OSCILLATOR REAL- TIME CLOCK WATCHDOG TIMER SYSTEM CONTROL 2 × CAP0/CAP1/ CAP2/CAP3 4 × MAT2, 2 × MAT0/MAT1/ MAT3 6 × PWM1 2 × PCAP1 AOUT VBAT AHB TO APB BRIDGE SRAM RMII(8) VBUS USB_CONNECT USB_UP_LED 002aac566 P0, P2 power domain 2 AHB2 AHB1 power domain 2 VDD(DCDC)(3V3) |