công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RDC10 bảng dữ liệu(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

tên linh kiện RDC10
Giải thích chi tiết về linh kiện  Linear Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPS [ALPS ELECTRIC CO.,LTD.]
Trang chủ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC10 bảng dữ liệu(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RDC10 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC10 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC10 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Piezo
Sensor
27
Magnetic
Sensor
Resistive
Sensor
Dimensions
Dimensions
Unit:mm
Style
Photo
RDC10
□□
2.1
(R0.85
)
A
S
/2+3.4
S+9.5
0.3 max.
B
ø2.2
hole
ø1.7
hole
S+2
2.5
(2.6)
4.5
(4.4)
0.4
Terminal No.
3T
1T
2T
S
Mechanical travel
Caulking
height
0.4
C
Sizes in
()are applicable to RDC1047 only.
Circuit Diagram
3T
1T
2T
Product Varieties
In addition to the recommended products, the following specifications are also supported.
Lever Variety
Unit:mm
ø1
ø2
ø1.5
ø2
ø1
ø1.5
4.5
(4.4)
Length
3.7
(3.6)
3
(2.9)
2.5
(2.4)
Dimensions
ø2
ø1.5
W
hole
circum
fere
nce
ø2
ø1.5
W
hole
circum
ference
*Sizes in()are applicable to RDC1047 only
Unit:mm
Length
L2
1.5
2
4
5.5
Dimensions
For printed wiring
Unit:mm
For lead wiring
0.4
Terminal Variety
Shows the specification recommended by Alps.
Note
RDC1014
Dimension
Model
14
RDC1022
22
RDC1032
32
RDC1047
47
S
19
19
29
37
A
15
15
25
33
B
10
14
19
26.5
C
Linear Type
RDC10 Series
Resistive Sensors



Html Pages

1 2 3