| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B84134F bảng dữ liệu(PDF) 6 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B84134F bảng dữ liệu(HTML) 6 Page - EPCOS |
|
6 / 7 page ![]() EMC filters Cautions and warnings Important information Please read all safety and warning notes carefully before installing the EMC filter and putting it into operation (see ). The same applies to the warning signs on the filter. Please ensure that the signs are not removed nor their legibility impaired by external influences. Death, serious bodily injury and substantial material damage to equipment may occur if the appro priate safety measures are not carried out or the warnings in the text are not observed. Using according to the terms The EMC filters may be used only for their intended application within the specified values in low voltage networks in compliance with the instructions given in the data sheets and the data book. The conditions at the place of application must comply with all specifications for the filter used. Warnings ■ It shall be ensured that only qualified persons (electricity specialists) are engaged on work such as planning, assembly, installation, operation, repair and maintenance. They must be provided with the corresponding documentation. ■ Danger of electric shock. EMC filters contain components that store an electric charge. Danger ous voltages can continue to exist at the filter terminals for longer than five minutes even after the power has been switched off. ■ The protective earth connections shall be the first to be made when the EMC filter is installed and the last to be disconnected. Depending on the magnitude of the leakage currents, the particular specifications for making the protective-earth connection must be observed. ■ Impermissible overloading of the EMC filter, such as impermissible voltages at higher frequen cies that may cause resonances etc. can lead to destruction of the filter housing. ■ EMC filters must be protected in the application against impermissible exceeding of the rated currents by suitable overcurrent protective. 6 01/06 |