| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW322539NJL bảng dữ liệu(PDF) 1 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SW322539NJL bảng dữ liệu(HTML) 1 Page - ABC Taiwan Electronics Corp |
|
1 / 8 page ![]() SPECIFICATION FOR APPROVAL SW3225□□□□L□-□□□ G ( PCB Pattern ) C : 2.10±0.2 B : 2.50±0.2 A : 3.20±0.2 / sec max. +2.0 ~ 4.0℃ Time ( seconds ) 150 Reflow Area Ⅲ﹒ MATERIALS: AR-001A Ⅳ﹒ GENERAL SPECIFICATION: b﹒Rated current:Current cause inductance e﹒Remark:Products comply with RoHS' b﹒WIRE :Enamelled copper wire (class H) a﹒Temp rise :15℃ max. c﹒Storage temp.:-40℃ ----+125℃ d﹒Operating temp.:-40℃----+125℃ drop within 10% max. requirements Mo / Mn + Ni + Au d﹒Encapsulate:Epoxy a﹒Core:Ceramic c﹒Terminal: 50 100 50 0 250 150 200 100 +4.0 / sec max. ℃ Max time above 200℃ :70sec max. Max time above 230℃ :50sec max. Peak Temp:260℃ max. Temperature Rising Area 150 ~ 200 / 60 ~ 120sec ℃ Preheat Area c b NAME PROD. Inductance Code Ⅱ﹒ SCHEMATIC DIAGRAM: Ⅰ﹒ CONFIGURATION & DIMENSIONS: REF : F : 2.20 E F E I I : 0.70 H : 2.80 G : 1.80 WOUND CHIP INDUCTOR A Marking R12 E : 0.50 D : 1.10 ABC'S ITEM NO. ABC'S DWG NO. Peak Temperature: 200 250 260 ℃ 70sec max. 50sec max. 230 ℃ Forced Cooling Area -(1.0 ~ 5.0) / sec max. ℃ m/m a d I m/m m/m m/m m/m m/m m/m m/m m/m PAGE: 1 |
Số phần tương tự - SW322539NJL |
|
Mô tả tương tự - SW322539NJL |