| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS06032R5ML bảng dữ liệu(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SS06032R5ML bảng dữ liệu(HTML) 6 Page - ABC Taiwan Electronics Corp |
|
6 / 7 page ![]() AE-001A SPECIFICATION FOR APPROVAL PROD. NAME UL CARD Ⅸ﹒ : REF : ABC'S DWG NO. ABC'S ITEM NO. PAGE: 6 POWER INDUCTOR SHIELDED SMD ____ Epoxy ____ ___ Nylon Nylon Nylon LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. , material designation or marked designation on packaed or reel, and Polyamide Polyamide Nylon Modified Polyamide Modified Polyamide Polyamide Polyamide See General Information Preceding These Recognitions fies base coated magnet wire twisted together and covered with top coat overall. Recognized Component Mark. Marking: Company name or trademarks 287806002 榮星電線 or Page 2 of 2 @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. SFFW SF.BW@ SFFY UEW-2 UEW-1 UEY-2 UEY UEW-4 Mtl 287806002 Dsg SF.EIW SF.FLY@ SF.BY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS EIW EIW-2 PEY PEW LSUEW LSFFW SF.FLW FL.EILOCKY Polyurethane Modified Polyester ____ Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane ____ ____ ____ ____ ____ ____ Mark Dsg BC ____ ____ ____ Coat Typ Page 1 of 2 OC Polyester Polyester Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Modified Polyester Modified Polyester Modified Polyester Polyurethane Polyurethane Polyesterimide ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ September 8 , 2000 OBMW2⁄E174837 155 MW79 MW26C 155 Temp 130 105 155 130 130 130 Class A not-for-profit organization dedicated to public safety and committed to quality service MW80C ___ MW2-C MW28-C MW28-C MW75C ANSI Type 200 155 220 155 130 155 155 155 155 155 180 180 155 180 MW77C ___ MW27-C MW27-C ___ ___ ___ MW74-C ___ MW24-C ___ MW79-C MW26C 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN Polyamideimide Polyamide Modified JUNG SHING WIRE CO LTD Magnet Wire-Component HSIEN TAIWAN OBMW2 AIW Dsg Mtl EILOCKW EILOCKY EIAIW CFUEWB September 8, 2000 Polyesterimide Polyesterimide Polyesterimide Polyamideimide Polyurethane ____ ____ ____ ____ Dsg ____ Mark BC Coat Typ ____ OC ____ Class 220 Temp 180 200 200 130 E174837 Type MW81-C ANSI ___ ___ MW35C MW75C SS0603□□□□L□-□□□ |