| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SR0502152ML bảng dữ liệu(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SR0502152ML bảng dữ liệu(HTML) 6 Page - ABC Taiwan Electronics Corp |
|
6 / 6 page ![]() 180 200 ___ ____ Polyesterimide Polyesterimide EILOCKW EILOCKY Polyamide Modified Modified Polyester Modified Polyester Modified Polyester Modified Polyester Modified Polyester @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. See General Information Preceding These Recognitions fies base coated magnet wire twisted together and covered with top coat overall. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. AR-001A 287806002 Recognized Component Mark. Marking: Company name or trademarks 287806002 SF.BW@ Mtl UEW-2 UEY-2 UEY UEW-4 UEW-1 SFFY Dsg SFFW Mark ____ ____ ____ ____ ____ Dsg ____ ____ ____ SF.FLY@ SF.BY@ FL.EILOCKY SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS PEY SF.FLW SF.EIW PEW LSUEW LSFFW EIW EIW-2 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ , material designation or marked designation on packaed or reel, and Page 2 of 2 榮星電線 or September 8 , 2000 OBMW2⁄E174837 MW74-C MW24-C MW79-C MW27-C MW27-C MW26C MW77C MW79 MW2-C MW80C MW28-C MW28-C MW75C MW26C Polyamide Coat Typ Polyurethane Polyurethane Polyurethane Polyurethane BC Polyurethane Polyurethane Polyurethane Page 1 of 2 ANSI ____ ____ Polyamide Nylon Polyamide ____ OC ___ Type ____ Polyester Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyester Polyesterimide Polyurethane Polyurethane Polyesterimide Nylon ____ Nylon Modified Modified Polyamide Polyamide Nylon ____ ___ ___ ___ Polyamide ____ ____ ____ ____ Epoxy ____ ___ ___ ___ ___ Temp 130 130 130 130 105 155 Class A not-for-profit organization dedicated to public safety and committed to quality service 155 155 155 155 155 180 180 155 155 180 155 130 155 155 200 220 SPECIFICATION FOR APPROVAL SMD POWER INDUCTOR Polyamideimide JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN Ⅸ﹒ UL CARD: NAME PROD. CFUEWB OBMW2 Magnet Wire-Component HSIEN TAIWAN Dsg AIW EIAIW Mtl Dsg ____ Mark ____ ____ ____ REF : MW81-C SR0502□□□□L□-□□□ MW35C MW75C September 8, 2000 Polyamideimide Polyesterimide Polyurethane BC Coat Typ OC ____ ____ Type ___ ANSI ABC'S DWG NO. ABC'S ITEM NO. Class 220 200 130 Temp E174837 PAGE: 6 |