| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SQ05042R2ML bảng dữ liệu(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SQ05042R2ML bảng dữ liệu(HTML) 6 Page - ABC Taiwan Electronics Corp |
|
6 / 6 page ![]() ABC'S ITEM NO. ABC'S DWG NO. Ⅸ﹒ UL CARD: SPECIFICATION FOR APPROVAL PAGE: 6 PROD. NAME REF : SMD POWER INDUCTOR SQ0504□□□□L□-□□□ Page 2 of 2 For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. fies base coated magnet wire twisted together and covered with top coat overall. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. Coat Typ Page 1 of 2 Coat Typ September 8, 2000 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN ____ SF.EILOCKBS Polyesterimide See General Information Preceding These Recognitions Marking: Company name or trademarks ____ ____ ____ ____ Mark ____ ____ ____ ____ UEY-2 Recognized Component Mark. 287806002 Dsg Mtl SFFY UEW-1 UEY UEW-2 UEW-4 SFFW SF.BW@ 287806002 Dsg Polyurethane 榮星電線 or Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Modified Polyester BC Polyurethane ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Mark Magnet Wire-Component JUNG SHING WIRE CO LTD HSIEN TAIWAN EILOCKY SF.EILOCKY# SF.BLOCKBS FL.EILOCKY PEY PEW SF.FLY@ SF.BY@ SF.EIW SF.FLW LSUEW LSFFW EIW-2 EILOCKW EIW OBMW2 Mtl Dsg CFUEWB EIAIW AIW Dsg Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyester Polyester Polyester Modified Polyurethane Polyurethane Polyesterimide Polyamideimide Polyurethane BC ___ Modified 180 OBMW2⁄E174837 September 8 , 2000 committed to quality service dedicated to public safety and A not-for-profit organization , material designation or marked designation on packaed or reel, and Polyamide Polyamide Polyamide Nylon ____ ____ ____ OC ____ MW28-C 130 MW75C MW28-C MW80C Type ANSI MW2-C ___ MW79 MW26C 105 Class Temp 155 130 130 130 155 155 E174837 Polyamide Polyamide Polyamide Polyamide Nylon Nylon Modified Nylon ____ ____ Modified Epoxy ____ ____ ____ ____ ____ Polyamideimide OC ____ ____ 180 ___ MW24-C ___ ___ MW27-C MW27-C MW77C MW26C ___ ___ MW79-C ___ MW74-C ___ 155 155 180 155 155 155 180 155 130 155 155 200 220 200 MW75C ___ ANSI Type MW35C MW81-C Temp Class 220 130 200 AE-001A |