| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B43510 bảng dữ liệu(PDF) 4 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B43510 bảng dữ liệu(HTML) 4 Page - EPCOS |
|
4 / 19 page ![]() Dimensional drawings B43510, 4-pin snap-in terminals, PVC insulation Dimensions (mm) Approx. weight (g) Packing units (pcs.) d +1 l ±2 35 50 63 60 35 60 76 36 35 70 88 36 35 80 101 36 35 100 126 36 40 50 89 33 40 60 107 33 40 70 125 33 40 80 143 33 40 100 178 33 45 50 113 28 45 60 136 28 45 70 158 28 45 80 181 28 45 100 226 28 Standard snap-in terminals: length (6.3 ±1) mm. Also available with length of (4.5 1) mm. All pin holes must be drilled into the PC-board, since the unconnected pins serve as mountings. These pins must be soldered to isolated pads or pads with the same potential as the negative pole. B43510, B43520 Compact 85 °C Page 4 of 19 Please read Cautions and warnings and Important notes at the end of this document. |