| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SF2012201YL bảng dữ liệu(PDF) 7 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SF2012201YL bảng dữ liệu(HTML) 7 Page - ABC Taiwan Electronics Corp |
|
7 / 7 page ![]() Epoxy ____ ___ ____ See General Information Preceding These Recognitions @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- fies base coated magnet wire twisted together and covered with top coat overall. For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. Marking: Company name or trademarks AR-001A 287806002 Recognized Component Mark. ____ SF.BW@ ____ SFFY UEY UEY-2 UEW-1 UEW-4 UEW-2 ____ ____ ____ ____ ____ Dsg Mtl 287806002 SFFW Dsg Mark ____ ____ SF.EIW SF.EILOCKY# SF.EILOCKBS SF.BLOCKBS SF.BY@ SF.FLY@ ____ ____ ____ ____ ____ LSUEW LSFFW SF.FLW PEW PEY FL.EILOCKY EIW-2 EIW ____ ____ ____ ____ ____ ____ ____ , material designation or marked designation on packaed or reel, and Page 2 of 2 or 榮星電線 OBMW2⁄E174837 September 8 , 2000 MW74-C ___ MW28-C MW75C MW28-C MW80C ___ MW27-C ___ ___ MW24-C MW27-C ___ ___ MW79-C ___ Modified Polyester Coat Typ Page 1 of 2 Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane BC Polyamide ____ ____ Polyamide Nylon ____ OC Polyesterimide Polyesterimide Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyester Modified Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Modified Polyester Polyester Polyester ____ Nylon Modified Polyamide ____ Polyamide Polyamide Nylon Modified ____ Nylon ____ ____ ____ Polyamide ____ 155 MW26C 155 MW2-C 130 130 105 130 130 dedicated to public safety and committed to quality service A not-for-profit organization Type ANSI MW79 Temp Class 155 180 MW77C 180 180 155 155 155 MW26C 130 155 155 155 155 200 220 155 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN Magnet Wire-Component SPECIFICATION FOR APPROVAL OBMW2 CFUEWB EIAIW EILOCKY EILOCKW Mtl Dsg AIW ____ ____ ____ ____ Mark Dsg ____ HSIEN TAIWAN Ⅹ﹒UL CARD: PROD. NAME REF : 20090324-B ___ ___ MW81-C September 8, 2000 Coat Typ Polyesterimide Polyesterimide Polyesterimide Polyamideimide Polyurethane BC Polyamideimide Polyamide Modified ____ OC ____ ABC'S ITEM NO. ABC'S DWG NO. MW75C MW35C ANSI Type 130 180 200 200 Temp 220 Class E174837 PAGE: 7 SMD LINE FILTER SF2012□□□□L□-□□□ |