công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RH09121R5ML bảng dữ liệu(PDF) 3 Page - ABC Taiwan Electronics Corp

tên linh kiện RH09121R5ML
Giải thích chi tiết về linh kiện  RADIAL INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABC [ABC Taiwan Electronics Corp]
Trang chủ  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RH09121R5ML bảng dữ liệu(HTML) 3 Page - ABC Taiwan Electronics Corp

  RH09121R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp RH09121R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp RH09121R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp RH09121R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp RH09121R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp RH09121R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.728
±0.040
±0.80
18.50
H1
Feed hole to bottom of component
18.00
4.00
15.00
9.00
1.42
6.35
3.85
12.70
30.30
AR-001A
Overall taped package thinkness
Center of component location
Feed hold to overall component height
Adhesive tape position
Tape wide
Adhesive tape width
Feed hole location
Lead location
Feed hole pitch
W3
W2
P2
W1
W0
T
P
P1
H2
±0.040
±0.012
±0.051
max.
±0.020
±0.028
max.
±0.020
±0.020
±0.50
max.
0.709
0.157
±1.30
±0.50
±0.50
max.
±0.30
±0.70
±1.00
0.250
0.598
0.354
0.056
0.500
0.152
1.083
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
2.00
5.00
4.00
P2
Item
Front-to-rear deelectton
Component lead pitch
Tape feed hole diameter
D
h
△
F
Symbol
D
P
F
P1
RADIAL INDUCTOR
TYPED PACKAGE DIMENSIONS:
NAME
PROD.
REF :
W2
±0.020
max.
±0.008
Tolerance
Specification
±0.20
max.
±0.50
Tolerance
Milimeter
Size
0.157
0.079
0.200
Size
Inch
T
W1
W3
PAGE: 3
△h
RH0912□□□□L□-□□□



Html Pages

1 2 3 4 5 6