| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PV1620100ML bảng dữ liệu(PDF) 3 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
PV1620100ML bảng dữ liệu(HTML) 3 Page - ABC Taiwan Electronics Corp |
|
3 / 3 page ![]() ____ ____ Polyamide Modified Polyester See General Information Preceding These Recognitions @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- fies base coated magnet wire twisted together and covered with top coat overall. For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. AR-001A 287806002 Recognized Component Mark. Marking: Company name or trademarks Mtl Mark UEW-2 UEW-4 UEY-2 UEY Dsg UEW-1 SFFY ____ ____ ____ ____ ____ ____ Dsg 287806002 SFFW SF.BW@ ____ , material designation or marked designation on packaed or reel, and Page 2 of 2 榮星電線 or September 8 , 2000 OBMW2⁄E174837 Coat Typ Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane BC ____ Polyamide Nylon Polyamide ____ ____ OC Page 1 of 2 Polyurethane Temp ANSI MW28-C MW75C MW28-C ___ Type MW2-C MW80C 130 130 130 130 155 105 Class A not -for-profit organization dedi cated to public safety and commit ted to quality service MW26C MW79 155 155 Modified Polyester Modified Polyester Modified Polyester Modified Polyester JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN SPECIFICATION FOR APPROVAL POWER INDUCTOR OBMW2 EILOCKW SF.FLW PEY ____ SF.EILOCKY# SF.EILOCKBS SF.BLOCKBS SF.EIW SF.BY@ SF.FLY@ ____ ____ ____ ____ ____ ____ FL.EILOCKY LSFFW PEW LSUEW EIW-2 EIW ____ ____ ____ ____ ____ ____ ____ HSIEN TAIWAN AIW EIAIW CFUEWB EILOCKY Dsg Mtl ____ ____ ____ ____ ____ Mark Dsg Magnet Wire-Component Ⅶ﹒UL CARD: NAME PROD. REF : September 8, 2000 Modified 200 Polyesterimide Polyester ____Nylon Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyamide Modified Polyamide Nylon Nylon ____ Polyurethane Polyurethane Polyester Polyesterimide Polyesterimide ____ Polyamide ____ ____ ____ Epoxy ____ 155 155 MW26C MW24-C ___ ___ ___ MW77C MW27-C MW27-C 155 180 180 180 155 155 ___ ___ MW79-C ___ ___ MW74-C 155 130 155 155 220 200 Coat Typ Polyamideimide Polyurethane Polyesterimide Polyesterimide BC ____ Polyamideimide Polyamide ____ OC MW81-C ___ ___ MW35C MW75C Type ANSI 220 200 180 130 Temp Class E174837 PV1620□□□□L□-□□□ ABC'S DWG NO. ABC'S ITEM NO. PAGE: 3 20100118-A |