| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HP1004100M2 bảng dữ liệu(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
HP1004100M2 bảng dữ liệu(HTML) 6 Page - ABC Taiwan Electronics Corp |
|
6 / 6 page ![]() Ⅸ﹒UL CARD: SPECIFICATION FOR APPROVAL AR-001A REF : 20090825-B PAGE: 6 ABC'S DWG No. ABC'S ITEM No. PROD. NAME POWER INDUCTOR SHIELDED SMD ___ ____ EIW-2 MW74-C Polyesterimide 200 Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Modified Polyester Modified Polyester Modified Polyester Modified Polyester Modified Polyester See General Information Preceding These Recognitions @-May be su ffixed by LZ; # - May be suffixed b y LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- fies base coated magnet wire twisted together and covered with top coat o verall. For use only in equipment where the acceptability o f the comb ination is determined by Underwriters Laboratories Inc. 287806002 Recognized Component Mark. Marking: Compan y name or trademarks 287806002 UEW-2 UEW-1 UEY UEW-4 UEY-2 Mtl Dsg SFFY ____ ____ ____ ____ Dsg Mark ____ ____ FL.EILOCKY SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.FLY@ SFFW SF.BW@ PEY SF.FLW SF.EIW SF.BY@ LSUEW LSFFW PEW ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ , material designation or marked designation on packaed or reel, and September 8 , 2000 OBMW2⁄E174837 or Page 2 of 2 A not-for-profit organization dedicated to public safety and committed to quality service Polyamide Polyamide BC Coat Typ Page 1 of 2 ___ ____ MW2-C Nylon ____ MW28-C MW75C MW28-C OC ____ ANSI MW80C Type Polyurethane Modified Polyester Polyester Polyurethane Polyurethane Polyester ___ Nylon MW27-C Modified Polyamide ____ Modified Polyamide Polyamide MW26C MW79 ___ ___ Nylon Nylon ____ ____ Polyamide ____ ____ ____ MW24-C MW26C MW77C MW27-C ___ ___ MW79-C 130 105 130 130 130 Temp 155 Class 155 180 155 155 155 180 155 155 180 155 130 155 155 155 Polyesterimide Polyesterimide Polyesterimide Polyamideimide JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN Polyesterimide Magnet Wire-Component EILOCKW EILOCKY HSIEN TAIWAN Dsg EIW AIW EIAIW CFUEWB Mtl Dsg ____ ____ ____ ____ ____ ____ ____ Mark OBMW2 Polyamideimide BC Polyurethane Coat Typ Type OC Polyamide Epoxy Modified ____ ____ ____ ____ ___ ___ ___ MW81-C MW35C MW75C ANSI September 8, 2000 Class 180 200 220 130 220 200 E174837 Temp HP1004□□□□2□-□□□ |