công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CM4532R18ML bảng dữ liệu(PDF) 6 Page - ABC Taiwan Electronics Corp

tên linh kiện CM4532R18ML
Giải thích chi tiết về linh kiện  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABC [ABC Taiwan Electronics Corp]
Trang chủ  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM4532R18ML bảng dữ liệu(HTML) 6 Page - ABC Taiwan Electronics Corp

  CM4532R18ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM4532R18ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1﹒Applied the allowed DC current for
Mechanical performance test
AR-001A
Resistance to
soldering heat
Shock test
voltage test
Vibration test
( Low frequency )
resistance test
Insulation
Over load test
Withstanding
Temperature
rise test
Temp:260±5℃
Time:10±1.0 sec.
Inductors shall be dropped 10 times from
a height of 1m onto 3cm wooden board
3﹒Q Shall not change
more than ±20%
than±5%
not change more
2﹒Inductance shall
10 minutes
surface thermometer
current to inductor for a period of
1﹒Amplitude:1.5 m/m
3﹒Direction:X,Y,Z
4﹒Duration:2 hrs / X,Y,Z
2﹒Temperature measure by digital
Applied 2 times of rated allowed DC
inductors terminal and coating for 5 seconds
AC voltage of 1000VAC applied between
100 VDC applied between inductor terminal
2﹒Frequency:10 -- 55 -- 10 Hz / 1min.
of electrical and
mechanical damage
1﹒Inductors shall be
no evidence of
electrical and
1000 MΩ min﹒
mechanical damage
After test,Inductors
After tset,Inductors
shall be no evidence
of electrical and
mechanical damage
shall be no evidence
20
max.
℃
5 minutes
and coating
WOUND CHIP INDUCTOR
Ⅸ﹒
RELIABILITY TEST:
DC Resistance RDC
Electrical performance test
Inductance L
Rated current IDC
Self resonance
frequency SRF
Q
Test item
NAME
PROD.
REF :
ABC'S DWG NO.
ABC'S ITEM NO.
not be more than 20℃
Applied the current to coils,The
Test condition / Test method
□HP4194A with HP-16034E test fixture
Inductance change shall be less than 10%
to initial value & temperature rise shall
□HP4291A with HP-16093A test fixture
characteristic list
electrical
Refer to standard
CH-502AC
Specification
CM4532□□□□L□-□□□
SPECIFICATION FOR APPROVAL
PAGE: 6
20070813-E



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com