| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESR1006180ML bảng dữ liệu(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
ESR1006180ML bảng dữ liệu(HTML) 6 Page - ABC Taiwan Electronics Corp |
|
6 / 7 page ![]() 200 ___ ____ Polyesterimide EILOCKW Modified Polyesterimide Polyesterimide Polyesterimide Modified Polyester Modified Polyester Modified Polyester Modified Polyester Polyurethane Polyurethane Polyesterimide Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Modified Polyester @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. See General Information Preceding These Recognitions fies base coated magnet wire twisted together and covered with top coat overall. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. Polyesterimide Polyesterimide AR-001A Recognized Component Mark. Marking: Company name or trademarks 287806002 ____ Mtl Dsg UEW-2 UEW-4 UEY-2 UEY UEW-1 SFFY 287806002 SFFW SF.BW@ Mark Dsg ____ ____ ____ ____ ____ ____ ____ FL.EILOCKY SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS PEY SF.FLW SF.FLY@ SF.BY@ SF.EIW PEW LSUEW LSFFW EIW-2 EIW ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ , material designation or marked designation on packaed or reel, and September 8 , 2000 OBMW2⁄E174837 Page 2 of 2 or 榮星電線 A not-for-profit organization dedicated to public safety and comm itted to quality service Polyamide ____ Polyamide Polyamide ____ ____ OC ____ Coat Typ BC Page 1 of 2 ANSI Type Nylon MW75C MW28-C MW28-C ___ MW2-C MW80C MW79 MW26C Modified Modified Polyamide Polyamide ____ ____ Polyamide ____ ____ ____ ____ ____ Polyester Modified Polyester Polyester MW24-C Nylon MW26C Nylon Nylon ___ ___ ___ MW27-C MW27-C MW77C Epoxy ___ ___ MW79-C ___ ___ MW74-C Temp Class 130 130 130 130 105 155 155 155 155 155 155 180 180 155 155 180 155 130 155 155 200 220 SMD POWER INDUCTOR SPECIFICATION FOR APPROVAL Polyesterimide Polyesterimide Polyamideimide Polyurethane JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN NAME PROD. Ⅸ﹒RELIABILITY TEST: OBMW2 Magnet Wire-Component HSIEN TAIWAN AIW EILOCKY EIAIW CFUEWB Dsg Mtl Mark ____ ____ ____ ____ Dsg REF : ESR1006□□□□L□-□□□ September 8, 2000 Polyamideimide OC Polyamide ____ ____ Coat Typ BC MW81-C ___ MW35C MW75C Type ANSI ABC'S ITEM NO. ABC'S DWG NO. 220 180 200 130 Class Temp E174837 PAGE: 6 |