| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESR04036R8ML bảng dữ liệu(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
ESR04036R8ML bảng dữ liệu(HTML) 6 Page - ABC Taiwan Electronics Corp |
|
6 / 7 page ![]() 220 MW81-C ____ Polyamideimide AIW ____ Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Modified Polyester @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. See General Information Preceding These Recognitions fies base coated magnet wire twisted together and covered with top coat overall. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. ____ UEY AR-001A Recognized Component Mark. Marking: Company name or trademarks 287806002 UEY-2 ____ SF.EILOCKY# SF.EILOCKBS SFFY UEW-2 UEW-1 UEW-4 Mtl Dsg SF.BW@ SFFW 287806002 Mark ____ ____ ____ ____ ____ Dsg ____ ____ ____ EILOCKW FL.EILOCKY SF.BLOCKBS LSFFW SF.FLW SF.EIW SF.FLY@ SF.BY@ PEY PEW LSUEW EIW EIW-2 EILOCKY EIAIW CFUEWB ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ 130 MW28-C Nylon September 8 , 2000 OBMW2⁄E174837 , material designation or marked designation on packaed or reel, and Polyamide Page 2 of 2 榮星電線 or MW28-C 130 A not-for-profit organization dedicated to public safety and committed to quality service ___ Polyester Polyamide Polyamide ____ ____ ____ Polyamide ____ Polyamide Coat Typ BC Page 1 of 2 Polyurethane OC MW80C ___ MW2-C MW75C ANSI Type Modified MW26C MW79 ___ Polyamideimide Polyamide ____ ____ Polyamide ____ ____ ____ ____ ____ Polyurethane Modified Polyester Polyester Polyurethane Polyurethane ___ MW79-C Nylon Nylon Modified Nylon MW26C MW77C ___ MW27-C MW27-C ___ MW24-C Epoxy Modified ___ MW74-C ___ ___ ___ MW35C MW75C 155 130 105 130 Temp Class 155 155 180 180 155 155 180 155 155 155 155 130 155 200 155 220 180 200 200 130 JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN SMD POWER INDUCTOR SPECIFICATION FOR APPROVAL REF : Ⅸ﹒UL CARD: PROD. NAME OBMW2 Magnet Wire-Component HSIEN TAIWAN Dsg Mtl ____ Mark Dsg ESR0403□□□□L□-□□□ ____ Coat Typ BC September 8, 2000 OC Type ANSI ABC'S DWG NO. ABC'S ITEM NO. E174837 Class Temp PAGE: 6 |