| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCCO2A150C1B bảng dữ liệu(PDF) 2 Page - SAMWHA ELECTRIC |
|
|
|||||||||||||||||||||||||||||
SCCO2A150C1B bảng dữ liệu(HTML) 2 Page - SAMWHA ELECTRIC |
|
2 / 3 page ![]() SAMWHA CAPACITOR Co., Ltd. 136 Surface Mount Disc Capacitors 137 Surface Mount Disc Capacitors Electrical Performance No. Item Requirement Test Conditions R.V 3kV 4kV~ W.V R.V × 1.75 R.V × 1.5 Operating Temperature Range Capacitance Dissipation Factor (tan δ,Q) Capacitance temperature Characteristics 6 2 3 Insulation resistance More than 10000MΩ No remarkable abnormality is recognized 4 Dielectric Withstanding Voltage 5 1 - Temperature : 20±2℃ - Frequency : 1±0.1MHz(SCC Type) 1±0.1KHz (SCK,SCG,SSC,SSD Type) - Relative Humidity : 60~70% - Measure voltage : 1±0.1Vrms - Applied Voltage : To be below 500V - Rating Voltage Above 500V - 500V - Charge Time : 60±5sec - Testing Voltage -25℃ ~ 110℃ B.E : -25℃ ~ +85℃ F : +10℃ ~ +65℃ Within the specified range Q ≥ 400+20C B,E : 2.5% Max. (C : capacitance, pF) F : 5.0% Max. Based on Items 2.2. 12 of EIA RS-198-C SCC Type SCK, SCG, SSC, SSD Type For 1 to 5 sec.(Between terminals) The discharge current, however was 50 mA or less Temperature and Humity Test Characteristics No. Item Requirement Test Conditions High Temperature Test Appearance Capacitance Change More than 2000MΩ 1 - Temperature : 85±2℃ - Test voltage : 1.2 times of the rated voltage - Operating time of test : 1000 +48,/ -0 hours After testing, The capacitor shall be subjected to the standard test condition for a period 4~24 hours and shall be measured. Charge and discharge current shall be 50 mA or less. ※Standard test condition : -Temperature : 20±2℃ - Frequency : 1± 0.1MHz(SCC Type) 1± 0.1KHz (SCK, SCG, SSC, SSD Type) - Relative Humidity : 60 ~ 70% - Measure voltage : 1± 0.1Vrms No. visible damage ±5% or ±0.5 pF B : With ± 10% Whichever is larger E : With ± 20% from initial measurement F : With ± 30% Dissipation Factor (tan δ,Q) I.R Q ≥ 200 B,E : 5% Max. F : 7.5% Max. SCC Type SCK, SCG, SSC, SSD Type Humidity Resistance Test Appearance Capacitance Change More than 500MΩ 2 - Temperature : 40±2℃ - Relative Humidity : 90~95% R.H - Operating time of test : 500 +24, -0 hours After testing, The capacitor shall be subjected to the standard test condition for a period 4~24 hours and shall be measured. Charge and discharge current shall be 50 mA or less. ※Standard test condition : -Temperature : 20±2℃ - Frequency : 1± 0.1MHz(SCC Type) 1± 0.1KHz (SCK, SCG, SSC, SSD Type) - Relative Humidity : 60 ~ 70% - Measure voltage : 1± 0.1Vrms No. visible damage ±5% or ±0.5 pF B : With ± 10% Whichever is larger E : With ± 20% from initial measurement F : With ± 30% Dissipation Factor (tan δ,Q) I.R Q ≥ 200 B,E : 5% Max. F : 7.5% Max. Temperature Cycle Test Appearance Capacitance Change More than 1000MΩ 3 - The capacitors shall be subjected to 5cycles of the temperature cycle under Table. After testing, The capacitor shall be subjected to the standard test condition for a period 4~24 hours and shall be measured. Charge and discharge current shall be 50 mA or less. ※Standard test condition : -Temperature : 20±2℃ - Frequency : 1± 0.1MHz(SCC Type) 1± 0.1KHz (SCK, SCG, SSC, SSD Type) - Relative Humidity : 60 ~ 70% - Measure voltage : 1± 0.1Vrms No. visible damage ±5% or ±0.5 pF B : With ± 10% Whichever is larger E : With ± 20% from initial measurement F : With ± 30% Dissipation Factor (tan δ,Q) I.R Q ≥ 200 B,E : 5% Max. F : 7.5% Max. Step. Temperature( ℃) Period(minutes) 1 -25, +0/-3 30 2 Standard test condition 10~15 3 +85, +0/-3 30 4 Standard test condition 10~15 |