công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SVC390D-10B bảng dữ liệu(PDF) 10 Page - SAMWHA ELECTRIC

tên linh kiện SVC390D-10B
Giải thích chi tiết về linh kiện  SVC Varistors Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMWHA [SAMWHA ELECTRIC]
Trang chủ  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SVC390D-10B bảng dữ liệu(HTML) 10 Page - SAMWHA ELECTRIC

Back Button SVC390D-10B Datasheet HTML 2Page - SAMWHA ELECTRIC SVC390D-10B Datasheet HTML 3Page - SAMWHA ELECTRIC SVC390D-10B Datasheet HTML 4Page - SAMWHA ELECTRIC SVC390D-10B Datasheet HTML 5Page - SAMWHA ELECTRIC SVC390D-10B Datasheet HTML 6Page - SAMWHA ELECTRIC SVC390D-10B Datasheet HTML 7Page - SAMWHA ELECTRIC SVC390D-10B Datasheet HTML 8Page - SAMWHA ELECTRIC SVC390D-10B Datasheet HTML 9Page - SAMWHA ELECTRIC SVC390D-10B Datasheet HTML 10Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SAMWHA CAPACITOR Co., Ltd.
132
Capacitance
Typical values measured at a test frequency of 1kHz
Rated peak transient current : itm
Maximum peak current through the varistor with line voltage
applied.
The maximum peak current with in the varistor voltage change
ratio of ±10% with the standard 8/20㎲ impulse current applied
two times at 5 minute interval.
Rated transient energy : Wtm
Maximum allowable energy for a single impulse of 2ms
square-wave current waveform with rated continuous voltage
applied. Maximum energy rating base on a shift of Vnom of
less than ±10% of initial value.
Pulse lifetime rating
This is expressed as the maximum allowable number of
impulse currents applied.
8/20㎲ impulse current(or 2ms square wave) is applied at
prescribed interval.
This curve also provides for derating current as required with
repetitive pulsing.
Test current waveform
Characteristics tests for Varistors are carried out by using 8/20㎲
test impulses Data such as the maximum clamping
voltage(Vc)and the transient peak current(Itm) are obtained by
using this impulse current
However, for the Vc characteristics of the Axial Package type a
10mA DC squarewave current is used to cary out the test.
Rated RMS Voltage : Vacm
Maximum continuous sinusoidal RMS voltage at 50/60Hz which
may be applied.
Rated DC Voltage : Vdcm
Maximum continuous DC voltage which may be applied.
Rated average power dissipation : Ptam
Maximum average power that can be applied within the
specified ambient temperature.
Surface Mount Disc Capacitors
Surface Mount Disc Capacitors
134



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com