| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7712 bảng dữ liệu(PDF) 30 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7712 bảng dữ liệu(HTML) 30 Page - Sitronix Technology Co., Ltd. |
|
30 / 113 page ![]() ST7712 Ver 2.3 30/113 2007/07/19 7.4 Partial Display Using partial in command allows you turn on two separated partial display (division by line) of the screen. This mode requires less current consumption than the whole screen display, making it suitable for the equipment in the standby state. : Display area (partial display area) : Non-display area If the partial display region is out of the Max. Display range, it would be no operation. 7.5 Area Scroll Display Using the scroll volume set commands (VLE) allows you to scroll the display screen. You can select screen1 or screen2 to be scrolled with screen scroll enable set commands (VLE). Notice that you can not scroll two screens (screen1 and screen 2) at the same time. Please referred to command “Display control 1 (07H)” and Vertical Scroll Set (41H) for further description. VLE=00 VLE=01 VLE=10 Stationary Scrolled Screen 1 Screen 2 |