công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7628 bảng dữ liệu(PDF) 22 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7628
Giải thích chi tiết về linh kiện  65K Color Dot Matrix LCD Controller/Driver
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7628 bảng dữ liệu(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7628 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 213 page
background image
ST7628
Ver 1.4
22/213
2008/08
(2) 9-bit serial interface (3-line)
When entering data (parameters): SI= HIGH at the rising edge of the 1
st SCL.
When entering command: SI= LOW at the rising edge of the 1
st SCL.
When entering reading command:
If /CS is set to HIGH while the 8 bits from D7 to D0 are entered, the data concerned is invalidated. Before entering
succeeding sets of data, you must correctly input the data concerned again.
In order to avoid data transfer error due to incoming noise, it is recommended to set /CS at HIGH on byte basis to
initialize the serial-to-parallel conversion counter and the register
When executing the command RAMWR, set /CS to HIGH after writing the last address. The internal shift register and
the counter are reset when /CS =H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More