| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7624 bảng dữ liệu(PDF) 30 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7624 bảng dữ liệu(HTML) 30 Page - Sitronix Technology Co., Ltd. |
|
30 / 98 page ![]() ST7624 Ver 1.8 30/98 2006/08/15 FR(Internal) M(Internal) COM0 COM1 SEGn CL(Internal) V 1 V 2 V 3 V 4 V SS V 1 V 2 V 3 V 4 V SS V 1 V 2 V 3 V 4 V SS 103 104 1 2 3 4 5 6 7 8 9 10 11 12 97 98 99 100 101 102 103 104 1 2 3 4 5 6 V0 V0 V0 Figure 7.8.1 2-frame AC Driving Waveform (Duty Ratio: 1/104) CL(Internal) FR(Internal) M(Internal) COM0 COM1 SEGn V LCD V 1 V 2 V 3 V 4 V ss V LCD V 1 V 2 V 3 V 4 V ss V LCD V 1 V 2 V 3 V 4 V ss 103 104 1 2 3 4 5 6 7 8 9 10 11 12 4 3 2 1 104 103 102 101 100 99 98 97 96 95 Figure 7.8.2 N-Line Inversion Driving Waveform (N=5,Duty Ratio=1/104) 7.9 Liquid Crystal drive Circuit This driver circuit is configured by 104-channel common drivers and 312-channel segment drivers. This LCD panel driver voltage depends on the combination of display data and M signal. |