| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7577 bảng dữ liệu(PDF) 23 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7577 bảng dữ liệu(HTML) 23 Page - Sitronix Technology Co., Ltd. |
|
23 / 48 page ![]() ST7577 Ver 1.0a 23/48 2008/02/14 9. INSTRUCTION TABLE COMMAND BYTE INSTRUCTION A0 R/W (/WR) D7 D6 D5 D4 D3 D2 D1 D0 DESCRIPTION H=0 or 1 (Independent of H) NOP 0 0 0 0 0 0 0 0 0 0 No Operation. Reset 0 0 0 0 0 0 0 0 0 1 Software Reset Function Set 0 0 0 0 1 MY XD PD V H Scan direction (COM/SEG); Power mode (ON/OFF); Addressing mode; Instruction table selection. Read Status 0 1 PD 0 D E XD MY V MLB Read status (setting). Read Data 1 1 D7 D6 D5 D4 D3 D2 D1 D0 Read DDRAM data. Write Data 1 0 D7 D6 D5 D4 D3 D2 D1 D0 Write data into DDRAM. COMMAND BYTE INSTRUCTION A0 R/W (/WR) D7 D6 D5 D4 D3 D2 D1 D0 DESCRIPTION H=0 Reserved 0 0 0 0 0 0 0 0 1 X Do NOT use. End read-modify-write 0 0 0 0 0 0 0 1 1 0 End Read-Modify-Write Enable read-modify-write 0 0 0 0 0 0 0 1 1 1 Enable Read-Modify-Write Display Control 0 0 0 0 0 0 1 D 0 E Set display configuration. Frame Rate 0 0 0 0 0 1 0 FR2 FR1 FR0 Frame Rate control Set Y address of DDRAM 0 0 0 1 0 0 0 Y2 Y1 Y0 Set DDRAM Y address (0 ≤Y≤4) Set X address of DDRAM (Low) 0 0 1 0 0 0 X3 X2 X1 X0 Set X address of DDRAM (High) 0 0 1 0 0 1 X7 X6 X5 X4 Set DDRAM X address Set the high-nibble first and then low-nibble. (0 ≤X≤131) H=1 Reserved 0 0 0 0 0 0 0 0 1 X Do NOT use. Partial Mode 0 0 0 0 0 0 0 1 DA1 DA0 Set Partial display mode (Display Area) Booster Control 0 0 0 0 0 0 1 BE PC1 PC0 Control booster stages and booster efficiency. BIAS System 0 0 0 0 0 1 0 1 BS1 BS0 Set BIAS system. Set V0 0 0 1 VOP6 VOP5 VOP4 VOP3 VOP2 VOP1 VOP0 Set V0 voltage to register. Set Start Line (Vertical-Scroll) 0 0 0 1 S5 S4 S3 S2 S1 S0 Specify the first scan line in the DDRAM. |