| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
N22 bảng dữ liệu(PDF) 4 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
N22 bảng dữ liệu(HTML) 4 Page - EPCOS |
|
4 / 5 page ![]() 4 09/06 SIFERRIT materials Cautions and warnings General Based on IEC 60401-3, the data specified here are typical data for the material in question, which have been determined principally on the basis of toroids (ring cores). The purpose of such characteristic material data is to provide the user with improved means for comparing different materials. There is no direct relationship between characteristic material data and the data measured using other core shapes and/or core sizes made of the same material. In the absence of further agree- ments with the manufacturer, only those specifications given for the core shape and/or core size in question are binding. Effects of core combination on AL value Stresses in the core affect not only the mechanical but also the magnetic properties. It is apparent that the initial permeability is dependent on the stress state of the core. The higher the stresses are in the core, the lower is the value for the initial permeability. Thus the embedding medium should have the greatest possible elasticity. For detailed information see Data Book 2007, chapter “General – Definitions, 8.2”. Heating up Ferrites can run hot during operation at higher flux densities and higher frequencies. |