công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTL2R3VFKS bảng dữ liệu(PDF) 3 Page - Lite-On Technology Corporation

tên linh kiện LTL2R3VFKS
Giải thích chi tiết về linh kiện  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2R3VFKS bảng dữ liệu(HTML) 3 Page - Lite-On Technology Corporation

  LTL2R3VFKS Datasheet HTML 1Page - Lite-On Technology Corporation LTL2R3VFKS Datasheet HTML 2Page - Lite-On Technology Corporation LTL2R3VFKS Datasheet HTML 3Page - Lite-On Technology Corporation LTL2R3VFKS Datasheet HTML 4Page - Lite-On Technology Corporation LTL2R3VFKS Datasheet HTML 5Page - Lite-On Technology Corporation LTL2R3VFKS Datasheet HTML 6Page - Lite-On Technology Corporation LTL2R3VFKS Datasheet HTML 7Page - Lite-On Technology Corporation LTL2R3VFKS Datasheet HTML 8Page - Lite-On Technology Corporation LTL2R3VFKS Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
880
1900
mcd
IF = 20mA
Note 1,5
Viewing Angle
2θ1/2
30
deg
Note 2 (Fig.5)
Peak Emission Wavelength
λP
611
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
605
nm
Note 4
Spectral Line Half-Width
∆λ
17
nm
Forward Voltage
VF
2.0
2.4
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0 , f = 1MHz
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
5. The Iv guarantee should be added ±15﹪tolerance.
Part No. : LTL2R3VFKS
Page :
3
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com