công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASDL-3023 bảng dữ liệu(PDF) 4 Page - Lite-On Technology Corporation

tên linh kiện ASDL-3023
Giải thích chi tiết về linh kiện  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 bảng dữ liệu(HTML) 4 Page - Lite-On Technology Corporation

  ASDL-3023 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
Notes:
1. Tiedthroughexternalresistor,R2,toVled.Refertothetablebelowforrecommendedseriesresistorvalue.
2. ThispinisusedtotransmitserialdatawhenSDpinislow.Ifheldhighforlongerthan50ms,theLEDisturnedoff.DoNOTfloatthispin.
3. ThispiniscapableofdrivingastandardCMOSorTTLload.Noexternalpull-uporpull-downresistorisrequired.Thepinisintri-statewhenthe
transceiverisinshutdownmode
4. CompleteshutdownofICandPINdiode.ThepinisusedforsettingIRreceiverbandwidth,rangeofIRLEDcurrentandRCdriveprogramming
mode.Refertosectionon“BandwidthSelectionTiming”and“RemoteControlDriveModes”formoreinformation.DoNOTfloatthispin.***
5. ConnecttoASIClogiccontrollersupplyvoltageorVcc.ThevoltageatthispinshouldbeequaltoorlessthanVcc.
6. LogichighturnsontheRCLED.Ifheldhighlongerthan50ms,theRCLEDisturnedoff.DoNOTfloatthepin.
7. (i)Regulated,2.4Vto3.6V
(ii)Thispinrecommendedtoturnonbeforeotherpin.
8. Connecttosystemground.
Marking Information
Theunitismarkedwith‘XYWLL’ontheshield
Y=year
W=workweek
LL=lotnumber
Order Information
Part Number
Packaging Type
Package
Quantity
ASDL-3023-021
TapeandReel
FrontOption
2500
ASDL-3023-008
TapeandReel
TopOption
2500
ASDL-3023–S21(Shielded)
TapeandReel
FrontOption
2500
I/O Pins Configuration Table
Pin
Symbol
Description
I/O Type
Notes
1
LEDA
LEDAnode
Note1
2
TxD_IR
IrDAtransmitterdatainput.
Input.
ActiveHigh
Note2
3
RxD
IrDAreceivedata
Output.
ActiveLow
Note3
4
SD
Shutdown
Input.
ActiveHigh
Note4
5
IOVCC
Input/OutputASICvoltage
Note5
6
TxD_RC
RCtransmitterdatainput.
Input.
ActiveHigh
Note6
7
VCC
SupplyVoltage
Note7
8
GND
Ground
Note8
ASDL-3023-021, ASDL-3023-008 and ASDL-3023-S21
Pinout, Rear View
Figure 2a. Pin out for ASDL-3023-021 and ASDL-3023-008,
Figure 2b. Pin out for ASDL-3023-S21
8
6
4
7
5
2
3
1
Rear View
8
6
4
7
5
2
3
1
Rear View
(Shielded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26