| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8548CVTAQJ bảng dữ liệu(PDF) 92 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548CVTAQJ bảng dữ liệu(HTML) 92 Page - Freescale Semiconductor, Inc |
|
92 / 144 page ![]() MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6 92 Freescale Semiconductor Package Description LSYNC_IN F27 I BVDD — LSYNC_OUT F28 O BVDD — DMA DMA_DACK[0:1] AD3, AE1 O OVDD 5, 9, 102 DMA_DREQ[0:1] AD4, AE2 I OVDD — DMA_DDONE[0:1] AD2, AD1 O OVDD — Programmable Interrupt Controller UDE AH16 I OVDD — MCP AG19 I OVDD — IRQ[0:7] AG23, AF18, AE18, AF20, AG18, AF17, AH24, AE20 IOVDD — IRQ[8] AF19 I OVDD — IRQ[9]/DMA_DREQ3 AF21 I OVDD 1 IRQ[10]/DMA_DACK3 AE19 I/O OVDD 1 IRQ[11]/DMA_DDONE3 AD20 I/O OVDD 1 IRQ_OUT AD18 O OVDD 2, 4 Ethernet Management Interface EC_MDC AB9 O OVDD 5, 9 EC_MDIO AC8 I/O OVDD — Gigabit Reference Clock EC_GTX_CLK125 V11 I LVDD — Three-Speed Ethernet Controller (Gigabit Ethernet 1) TSEC1_RXD[7:0] R5, U1, R3, U2, V3, V1, T3, T2 I LVDD — TSEC1_TXD[7:0] T10, V7, U10, U5, U4, V6, T5, T8 O LVDD 5, 9 TSEC1_COL R4 I LVDD — TSEC1_CRS V5 I/O LVDD 20 TSEC1_GTX_CLK U7 O LVDD — TSEC1_RX_CLK U3 I LVDD — TSEC1_RX_DV V2 I LVDD — TSEC1_RX_ER T1 I LVDD — TSEC1_TX_CLK T6 I LVDD — TSEC1_TX_EN U9 O LVDD 30 TSEC1_TX_ER T7 O LVDD — Table 67. MPC8548E Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |